| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9963-EBZ Fiches technique(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9963-EBZ Fiches technique(HTML) 23 Page - Analog Devices |
|
23 / 61 page ![]() Data Sheet AD9961/AD9963 Rev. A | Page 23 of 60 CONFIGURATION REGISTERS Table 14. Configuration Register Map Addr Default Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x00 0x18 SDIO LSB First Reset 1 1 Reset LSB First SDIO 0x05 0x00 Unused ADDRQ ADDRI 0x0F 0x00 RXCML 0x10 0x00 Unused ADC_OFFSET[5:0] 0x30 0x3F Unused DEC_BP INT1_BP INT0_BP SRRC_BP TXCLK_EN RXCLK_EN 0x31 0xA7 TX_SDR TXCKO_INV TXCLK_MD[1:0] TXCKI_INV TXIQ_HILO TX_IFIRST TX_BNRY 0x32 0xA7 RX_SDR Unused RXCLK_MD[1:0] RXCLK_INV RXIQ_HILO RX_IFIRST RX_BNRY 0x33 Varies Unused FIFO_INIT Aligned ALIGN_ACK ALIGN_REQ FIFO_OFFSET[2:0] 0x34 Varies FIFO_LVL[7:0] 0x35 0x10 Unused SRRC_SCALE[4:0] 0x36 0x08 Unused INT0_SCALE[4:0] 0x37 0x10 Unused INT1_SCALE[4:0] 0x38 0x06 Unused DEC_SCALE[4:0] 0x39 0x00 RXDLLRST TXDLLRST Unused RXDLL_LKD TXDLL_LKD RXDBL_SEL TXDBL_SEL 0x3A 0x51 TX_UNLOCK[1:0] TX_LOCK[1:0] TX_DLYOFS[1:0] TX_HYST[1:0] 0x3B 0x51 RX_UNLOCK[1:0] RX_LOCK[1:0] RX_DLYOFS[1:0] RX_HYST[1:0] 0x3C 0xF0 DBL_TAPDLY[7:0] 0x3D 0x00 Unused RX_INVQ RX_INVI TX_INVQ TX_INVI 0x3E 0x09 Unused TX_DBLPW[2:0] RX_DBLPW[2:0] 0x3F 0x07 Unused RX_CLK RX_BUS SINGLERX TXCLK_MD HD_BUSCTL HD_CLKMD FULL_DUPLEX 0x40 0x01 DAC12B_EN DAC12A_EN DAC12B_TOP DAC12A_TOP Unused AUXDAC_ REF DAC_ UPDATE 0x41 0x00 DAC12A[11:4] 0x42 0x00 Unused DAC12A[3:0] 0x43 0x00 DAC12B[11:4] 0x44 0x00 Unused DAC12B[3:0] 0x45 0x00 DAC10B_EN Unused DAC10B_TOP[2:0] DAC10B_RNG[1:0] 0x46 0x00 DAC10B[9:2] 0x47 0x00 Unused DAC10B[1:0] 0x48 0x00 DAC10A_EN Unused DAC10A_TOP[2:0] DAC10A_RNG[1:0] 0x49 0x00 DAC10A[9:2] 0x4A 0x00 Unused DAC10A[1:0] 0x50 0x00 Unused TX_PTTRN TX_INSEL TX_CONT TX_START TX_BISTEN 0x51 0x00 Unused RX_PTTRN RX_INSEL RX_CONT RX_START RX_BISTEN 0x52 0x93 TXI_CHK[15:8] 0x53 0x34 TXI_CHK[7:0] 0x54 0x5F TXQ_CHK[15:8] 0x55 0x36 TXQ_CHK[7:0] 0x5C 0x08 Chip ID[7:0] 0x60 0x00 DLL_EN TXDAC_PD TXI_SLEEP TXQ_SLEEP CLK_PD RXADC_PD RXQ_SLEEP RXI_SLEEP 0x61 0x00 Unused DLL_LDO_PD DLLBIAS_PD CLK_LDO_PD RX_LDO_PD RXF_LDO_PD AUXADC_PD AUX_REF_PD 0x62 0xF8 DLL_LDO_ STAT CLK_LDO_STAT RX_LDO_ STAT RXF_LDO_ STAT DIG_LDO_ STAT Unused Unused RSET_SEL 0x63 0x00 TRXD_DRV TRXIQ_DRV TRXCLK_DRV TXCLK_DRV 0x66 0x28 TXI_DCLK TXQ_DCLK Unused RXI_DCLK RXQ_DCLK DCS_BP ADCDIV[1:0] 0x68 0x00 Unused IGAIN1[5:0] 0x69 0x00 Unused IGAIN2[5:0] 0x6A 0x00 Unused IRSET[5:0] 0x6B 0x00 Unused QGAIN1[5:0] 0x6C 0x00 Unused QGAIN2[5:0] 0x6D 0x00 Unused QRSET[5:0] 0x6E 0x40 Unused REFIO_ADJ[5:0] |