Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM552B11H102KA01D Fiches technique(PDF) 163 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Fiches technique(HTML) 163 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 163Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 164Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 165Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 166Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 167Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 221 page
background image
162
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
Continued from the preceding page.
GRM21B7U2E472JW32L
DC250
U2J (EIA)
4700
±5%
2.0
1.25
1.25
0.7
0.3 min.
GRM31A7U2E472JW31D
DC250
U2J (EIA)
4700
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM21B7U2E562JW32L
DC250
U2J (EIA)
5600
±5%
2.0
1.25
1.25
0.7
0.3 min.
GRM31A7U2E562JW31D
DC250
U2J (EIA)
5600
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31B7U2E682JW31L
DC250
U2J (EIA)
6800
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31B7U2E822JW31L
DC250
U2J (EIA)
8200
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31B7U2E103JW31L
DC250
U2J (EIA)
10000
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31A7U2J100JW31D
DC630
U2J (EIA)
10
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J120JW31D
DC630
U2J (EIA)
12
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J150JW31D
DC630
U2J (EIA)
15
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J180JW31D
DC630
U2J (EIA)
18
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J220JW31D
DC630
U2J (EIA)
22
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J270JW31D
DC630
U2J (EIA)
27
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J330JW31D
DC630
U2J (EIA)
33
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J390JW31D
DC630
U2J (EIA)
39
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J470JW31D
DC630
U2J (EIA)
47
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J560JW31D
DC630
U2J (EIA)
56
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J680JW31D
DC630
U2J (EIA)
68
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J820JW31D
DC630
U2J (EIA)
82
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J101JW31D
DC630
U2J (EIA)
100
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J121JW31D
DC630
U2J (EIA)
120
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J151JW31D
DC630
U2J (EIA)
150
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J181JW31D
DC630
U2J (EIA)
180
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J221JW31D
DC630
U2J (EIA)
220
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J271JW31D
DC630
U2J (EIA)
270
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J331JW31D
DC630
U2J (EIA)
330
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J391JW31D
DC630
U2J (EIA)
390
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J471JW31D
DC630
U2J (EIA)
470
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J561JW31D
DC630
U2J (EIA)
560
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J681JW31D
DC630
U2J (EIA)
680
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J821JW31D
DC630
U2J (EIA)
820
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U2J102JW31D
DC630
U2J (EIA)
1000
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM32A7U2J122JW31D
DC630
U2J (EIA)
1200
±5%
3.2
2.5
1.0
1.5
0.3 min.
GRM32A7U2J152JW31D
DC630
U2J (EIA)
1500
±5%
3.2
2.5
1.0
1.5
0.3 min.
GRM32A7U2J182JW31D
DC630
U2J (EIA)
1800
±5%
3.2
2.5
1.0
1.5
0.3 min.
GRM32A7U2J222JW31D
DC630
U2J (EIA)
2200
±5%
3.2
2.5
1.0
1.5
0.3 min.
GRM31A7U3A100JW31D
DC1000
U2J (EIA)
10
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A120JW31D
DC1000
U2J (EIA)
12
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A150JW31D
DC1000
U2J (EIA)
15
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A180JW31D
DC1000
U2J (EIA)
18
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A220JW31D
DC1000
U2J (EIA)
22
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A270JW31D
DC1000
U2J (EIA)
27
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A330JW31D
DC1000
U2J (EIA)
33
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A390JW31D
DC1000
U2J (EIA)
39
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A470JW31D
DC1000
U2J (EIA)
47
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A560JW31D
DC1000
U2J (EIA)
56
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A680JW31D
DC1000
U2J (EIA)
68
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A820JW31D
DC1000
U2J (EIA)
82
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A101JW31D
DC1000
U2J (EIA)
100
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A121JW31D
DC1000
U2J (EIA)
120
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A151JW31D
DC1000
U2J (EIA)
150
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A181JW31D
DC1000
U2J (EIA)
180
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A221JW31D
DC1000
U2J (EIA)
220
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A271JW31D
DC1000
U2J (EIA)
270
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A7U3A331JW31D
DC1000
U2J (EIA)
330
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31B7U3A391JW31L
DC1000
U2J (EIA)
390
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31B7U3A471JW31L
DC1000
U2J (EIA)
470
±5%
3.2
1.6
1.25
1.5
0.3 min.
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More