Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM552B11H102KA01D Fiches technique(PDF) 162 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Fiches technique(HTML) 162 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 163Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 164Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 165Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 166Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 221 page
background image
161
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
Continued from the preceding page.
GRM31A5C2J680JW01D
DC630
C0G (EIA)
68
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J820JW01D
DC630
C0G (EIA)
82
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J101JW01D
DC630
C0G (EIA)
100
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J121JW01D
DC630
C0G (EIA)
120
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J151JW01D
DC630
C0G (EIA)
150
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J181JW01D
DC630
C0G (EIA)
180
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J221JW01D
DC630
C0G (EIA)
220
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J271JW01D
DC630
C0G (EIA)
270
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J331JW01D
DC630
C0G (EIA)
330
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J391JW01D
DC630
C0G (EIA)
390
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J471JW01D
DC630
C0G (EIA)
470
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J561JW01D
DC630
C0G (EIA)
560
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31B5C2J681JW01L
DC630
C0G (EIA)
680
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31B5C2J821JW01L
DC630
C0G (EIA)
820
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31B5C2J102JW01L
DC630
C0G (EIA)
1000
±5%
3.2
1.6
1.25
1.5
0.3 min.
GRM31A5C3A100JW01D
DC1000
C0G (EIA)
10
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A120JW01D
DC1000
C0G (EIA)
12
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A150JW01D
DC1000
C0G (EIA)
15
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A180JW01D
DC1000
C0G (EIA)
18
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A220JW01D
DC1000
C0G (EIA)
22
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A270JW01D
DC1000
C0G (EIA)
27
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A330JW01D
DC1000
C0G (EIA)
33
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A390JW01D
DC1000
C0G (EIA)
39
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A470JW01D
DC1000
C0G (EIA)
47
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A560JW01D
DC1000
C0G (EIA)
56
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A680JW01D
DC1000
C0G (EIA)
68
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A820JW01D
DC1000
C0G (EIA)
82
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C3A101JW01D
DC1000
C0G (EIA)
100
±5%
3.2
1.6
1.0
1.5
0.3 min.
U2J Characteristics
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GRM21A7U2E101JW31D
DC250
U2J (EIA)
100
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E121JW31D
DC250
U2J (EIA)
120
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E151JW31D
DC250
U2J (EIA)
150
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E181JW31D
DC250
U2J (EIA)
180
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E221JW31D
DC250
U2J (EIA)
220
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E271JW31D
DC250
U2J (EIA)
270
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E331JW31D
DC250
U2J (EIA)
330
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E391JW31D
DC250
U2J (EIA)
390
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E471JW31D
DC250
U2J (EIA)
470
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E561JW31D
DC250
U2J (EIA)
560
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E681JW31D
DC250
U2J (EIA)
680
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E821JW31D
DC250
U2J (EIA)
820
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E102JW31D
DC250
U2J (EIA)
1000
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E122JW31D
DC250
U2J (EIA)
1200
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E152JW31D
DC250
U2J (EIA)
1500
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E182JW31D
DC250
U2J (EIA)
1800
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A7U2E222JW31D
DC250
U2J (EIA)
2200
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21B7U2E272JW32L
DC250
U2J (EIA)
2700
±5%
2.0
1.25
1.25
0.7
0.3 min.
GRM31A7U2E272JW31D
DC250
U2J (EIA)
2700
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM21B7U2E332JW32L
DC250
U2J (EIA)
3300
±5%
2.0
1.25
1.25
0.7
0.3 min.
GRM31A7U2E332JW31D
DC250
U2J (EIA)
3300
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM21B7U2E392JW32L
DC250
U2J (EIA)
3900
±5%
2.0
1.25
1.25
0.7
0.3 min.
GRM31A7U2E392JW31D
DC250
U2J (EIA)
3900
±5%
3.2
1.6
1.0
1.5
0.3 min.
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More