| Moteur de recherche de fiches techniques de composants électroniques |
|
GRJ552B11H102KA01D Fiches technique(PDF) 215 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D Fiches technique(HTML) 215 Page - Murata Manufacturing Co., Ltd. |
|
215 / 221 page ![]() 1. Construction of Board Pattern After installing chips, if solder is excessively applied to the circuit board, mechanical stress will cause destruction resistance characteristics to lower. To prevent this, be extremely careful in determining shape and dimension before designing the circuit board diagram. Construction and Dimensions of Pattern (Example) Flow soldering : 3.2g1.6 or less available. LgWa b c 2.0g1.25 1.0-1.2 0.9-1.0 0.8-1.1 1.6g0.8 0.6-1.0 0.8-0.9 0.6-0.8 2.2-2.6 1.0-1.1 1.0-1.4 3.2g1.6 Flow Soldering LgWa b c 2.0g1.25 1.0-1.2 0.6-0.7 0.8-1.1 2.2-2.4 0.8-0.9 1.0-1.4 1.6g0.8 0.6-0.8 0.6-0.7 0.6-0.8 3.2g1.6 2.0-2.4 1.0-1.2 1.8-2.3 3.2g2.5 2.8-3.4 1.2-1.4 1.4-1.8 4.5g2.0 2.8-3.4 1.2-1.4 2.3-3.0 4.5g3.2 4.0-4.6 1.4-1.6 2.1-2.6 5.7g2.8 4.0-4.6 1.4-1.6 3.5-4.8 (in mm) 5.7g5.0 Reflow Soldering Land Chip Capacitor c Solder Resist a b L W Dimensions of Slit (Example) Preparing the slit helps flux cleaning and resin coating on the back of the capacitor. However, the length of the slit design should be as short as possible to prevent mechanical damage in the capacitor. A longer slit design might receive more severe mechanical stress from the PCB. Recommended slit design is shown in the Table. LgWd e 2.0g1.25 - 1.0-2.0 - 1.6g0.8 - - 3.2-3.7 3.2g1.6 1.0-2.0 4.1-4.6 3.2g2.5 1.0-2.8 3.6-4.1 4.5g2.0 1.0-2.8 4.8-5.3 4.5g3.2 1.0-4.0 4.4-4.9 5.7g2.8 1.0-4.0 6.6-7.1 (in mm) 5.7g5.0 Land Chip Capacitor Slit Solder Resist d e L W Continued on the following page. Notice (Soldering and Mounting) Notice 214 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |