| Moteur de recherche de fiches techniques de composants électroniques |
|
GRJ552B11H102KA01D Fiches technique(PDF) 93 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D Fiches technique(HTML) 93 Page - Murata Manufacturing Co., Ltd. |
|
93 / 221 page ![]() 91 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. The part number code is shown in ( ) and Unit is shown in [ ]. < >: EIA [inch] Code LxW [mm] Rated Volt. [Vdc] Capacitance Tolerance Part Number 25( 1E) GJM0335C1E3R7WB01D GJM0335C1E3R7BB01D GJM0335C1E3R7CB01D GJM0335C1E3R8WB01D GJM0335C1E3R8BB01D GJM0335C1E3R8CB01D GJM0335C1E3R9WB01D GJM0335C1E3R9BB01D GJM0335C1E3R9CB01D GJM0335C1E4R0WB01D GJM0335C1E4R0BB01D GJM0335C1E4R0CB01D GJM0335C1E4R1WB01D GJM0335C1E4R1BB01D GJM0335C1E4R1CB01D GJM0335C1E4R2WB01D GJM0335C1E4R2BB01D GJM0335C1E4R2CB01D GJM0335C1E4R3WB01D GJM0335C1E4R3BB01D GJM0335C1E4R3CB01D GJM0335C1E4R4WB01D GJM0335C1E4R4BB01D GJM0335C1E4R4CB01D GJM0335C1E4R5WB01D GJM0335C1E4R5BB01D GJM0335C1E4R5CB01D GJM0335C1E4R6WB01D GJM0335C1E4R6BB01D GJM0335C1E4R6CB01D GJM0335C1E4R7WB01D GJM0335C1E4R7BB01D GJM0335C1E4R7CB01D GJM0335C1E4R8WB01D GJM0335C1E4R8BB01D GJM0335C1E4R8CB01D GJM0335C1E4R9WB01D GJM0335C1E4R9BB01D GJM0335C1E4R9CB01D GJM0335C1E5R0WB01D GJM0335C1E5R0BB01D GJM0335C1E5R0CB01D GJM0335C1E5R1WB01D GJM0335C1E5R1BB01D GJM0335C1E5R1CB01D GJM0335C1E5R1DB01D 50( 1H) GJM1555C1H3R7WB01D GJM1555C1H3R7BB01D GJM1555C1H3R7CB01D GJM1555C1H3R8WB01D GJM1555C1H3R8BB01D GJM1555C1H3R8CB01D GJM1555C1H3R9WB01D GJM1555C1H3R9BB01D GJM1555C1H3R9CB01D GJM1555C1H4R0WB01D GJM1555C1H4R0BB01D GJM1555C1H4R0CB01D GJM1555C1H4R1WB01D GJM1555C1H4R1BB01D GJM1555C1H4R1CB01D GJM1555C1H4R2WB01D GJM1555C1H4R2BB01D GJM1555C1H4R2CB01D GJM1555C1H4R3WB01D GJM1555C1H4R3BB01D GJM1555C1H4R3CB01D GJM1555C1H4R4WB01D GJM1555C1H4R4BB01D GJM1555C1H4R4CB01D GJM1555C1H4R5WB01D GJM1555C1H4R5BB01D GJM1555C1H4R5CB01D GJM1555C1H4R6WB01D GJM1555C1H4R6BB01D GJM1555C1H4R6CB01D GJM1555C1H4R7WB01D GJM1555C1H4R7BB01D GJM1555C1H4R7CB01D GJM1555C1H4R8WB01D GJM1555C1H4R8BB01D GJM1555C1H4R8CB01D GJM1555C1H4R9WB01D GJM1555C1H4R9BB01D GJM1555C1H4R9CB01D GJM1555C1H5R0WB01D GJM1555C1H5R0BB01D GJM1555C1H5R0CB01D GJM1555C1H5R1WB01D GJM1555C1H5R1BB01D GJM1555C1H5R1CB01D GJM1555C1H5R1DB01D 0.6x0.3( 03)<0201> 1.0x0.5( 15)<0402> 3.7pF( 3R7) 3.8pF( 3R8) 3.9pF( 3R9) 4.0pF( 4R0) 4.1pF( 4R1) 4.2pF( 4R2) 4.3pF( 4R3) 4.4pF( 4R4) 4.5pF( 4R5) 4.6pF( 4R6) 4.7pF( 4R7) 4.8pF( 4R8) 4.9pF( 4R9) 5.0pF( 5R0) 5.1pF( 5R1) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) Temperature Compensating Type C0G(5C) Characteristics GJM0335C1E3R6WB01D GJM0335C1E3R6BB01D GJM0335C1E3R6CB01D GJM1555C1H3R6WB01D GJM1555C1H3R6BB01D GJM1555C1H3R6CB01D 3.6pF( 3R6) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |