| Moteur de recherche de fiches techniques de composants électroniques |
|
GRJ552B11H102KA01D Fiches technique(PDF) 162 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D Fiches technique(HTML) 162 Page - Murata Manufacturing Co., Ltd. |
|
162 / 221 page ![]() 161 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GRM31A5C2J680JW01D DC630 C0G (EIA) 68 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J820JW01D DC630 C0G (EIA) 82 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J101JW01D DC630 C0G (EIA) 100 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J121JW01D DC630 C0G (EIA) 120 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J151JW01D DC630 C0G (EIA) 150 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J181JW01D DC630 C0G (EIA) 180 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J221JW01D DC630 C0G (EIA) 220 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J271JW01D DC630 C0G (EIA) 270 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J331JW01D DC630 C0G (EIA) 330 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J391JW01D DC630 C0G (EIA) 390 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J471JW01D DC630 C0G (EIA) 470 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J561JW01D DC630 C0G (EIA) 560 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31B5C2J681JW01L DC630 C0G (EIA) 680 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31B5C2J821JW01L DC630 C0G (EIA) 820 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31B5C2J102JW01L DC630 C0G (EIA) 1000 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31A5C3A100JW01D DC1000 C0G (EIA) 10 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A120JW01D DC1000 C0G (EIA) 12 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A150JW01D DC1000 C0G (EIA) 15 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A180JW01D DC1000 C0G (EIA) 18 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A220JW01D DC1000 C0G (EIA) 22 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A270JW01D DC1000 C0G (EIA) 27 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A330JW01D DC1000 C0G (EIA) 33 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A390JW01D DC1000 C0G (EIA) 39 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A470JW01D DC1000 C0G (EIA) 47 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A560JW01D DC1000 C0G (EIA) 56 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A680JW01D DC1000 C0G (EIA) 68 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A820JW01D DC1000 C0G (EIA) 82 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C3A101JW01D DC1000 C0G (EIA) 100 ±5% 3.2 1.6 1.0 1.5 0.3 min. U2J Characteristics Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) GRM21A7U2E101JW31D DC250 U2J (EIA) 100 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E121JW31D DC250 U2J (EIA) 120 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E151JW31D DC250 U2J (EIA) 150 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E181JW31D DC250 U2J (EIA) 180 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E221JW31D DC250 U2J (EIA) 220 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E271JW31D DC250 U2J (EIA) 270 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E331JW31D DC250 U2J (EIA) 330 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E391JW31D DC250 U2J (EIA) 390 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E471JW31D DC250 U2J (EIA) 470 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E561JW31D DC250 U2J (EIA) 560 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E681JW31D DC250 U2J (EIA) 680 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E821JW31D DC250 U2J (EIA) 820 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E102JW31D DC250 U2J (EIA) 1000 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E122JW31D DC250 U2J (EIA) 1200 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E152JW31D DC250 U2J (EIA) 1500 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E182JW31D DC250 U2J (EIA) 1800 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A7U2E222JW31D DC250 U2J (EIA) 2200 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21B7U2E272JW32L DC250 U2J (EIA) 2700 ±5% 2.0 1.25 1.25 0.7 0.3 min. GRM31A7U2E272JW31D DC250 U2J (EIA) 2700 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM21B7U2E332JW32L DC250 U2J (EIA) 3300 ±5% 2.0 1.25 1.25 0.7 0.3 min. GRM31A7U2E332JW31D DC250 U2J (EIA) 3300 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM21B7U2E392JW32L DC250 U2J (EIA) 3900 ±5% 2.0 1.25 1.25 0.7 0.3 min. GRM31A7U2E392JW31D DC250 U2J (EIA) 3900 ±5% 3.2 1.6 1.0 1.5 0.3 min. Continued on the following page. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |