Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRJ552B11H102KA01D Fiches technique(PDF) 148 Page - Murata Manufacturing Co., Ltd.

No de pièce GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Fiches technique(HTML) 148 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 147Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 148Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 221 page
background image
Notice
GRM18
GQM18
GRM21
GQM21
GRM31
LLL21
LLL31
1.6g0.8
2.0g1.25
3.2g1.6
1.25g2.0
1.6g3.2
0.6 to 1.0
1.0 to 1.2
2.2 to 2.6
0.4 to 0.7
0.6 to 1.0
0.8 to 0.9
0.9 to 1.0
1.0 to 1.1
0.5 to 0.7
0.8 to 0.9
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
1.4 to 1.8
2.6 to 2.8
(in mm)
Part Number
Dimensions
Chip (LgW)
abc
Table 1 Flow Soldering Method
GRM02
GRM03
GJM03
GRM15
GJM15
GRM18
GQM18
GRM21
GQM21
GRM31
GRM32
GRM43
GRM55
LLL15
LLL18
LLR18
LLL21
LLL31
GQM22
0.4g0.2
0.6g0.3
1.0g0.5
1.6g0.8
2.0g1.25
3.2g1.6
3.2g2.5
4.5g3.2
5.7g5.0
0.5g1.0
0.8g1.6
1.25g2.0
1.6g3.2
3.2g2.5
0.16 to 0.2
0.2 to 0.3
0.3 to 0.5
0.6 to 0.8
1.0 to 1.2
2.2 to 2.4
2.0 to 2.4
3.0 to 3.5
4.0 to 4.6
0.15 to 0.2
0.2 to 0.3
0.4 to 0.6
0.6 to 0.8
2.2 to 2.5
0.12 to 0.18
0.2 to 0.35
0.35 to 0.45
0.6 to 0.7
0.6 to 0.7
0.8 to 0.9
1.0 to 1.2
1.2 to 1.4
1.4 to 1.6
0.2 to 0.25
0.3 to 0.4
0.4 to 0.5
0.6 to 0.7
0.8 to 1.0
0.2 to 0.23
0.2 to 0.4
0.4 to 0.6
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
1.8 to 2.3
2.3 to 3.0
3.5 to 4.8
0.7 to 1.0
1.4 to 1.6
1.4 to 1.8
2.6 to 2.8
1.9 to 2.3
(in mm)
Part Number
Dimensions
Chip (LgW)
abc
Table 2 Reflow Soldering Method
Chip Capacitor
Continued from the preceding page.
Continued on the following page.
2. Land Dimensions
2-1. A chip capacitor can be cracked due to the stress of
PCB bending / etc if the land area is larger than
needed and has an excess amount of solder.
Please refer to the land dimensions in table 1 for flow
soldering, table 2 for reflow soldering, table 3 for
GNM & LLA, and table 4 for LLM.
Please confirm the suitable land dimension by
evaluating the actual SET / PCB.
Solder Resist
a
b
c
Land
Notice
146
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More