| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC27M2CPWRG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC27M2CPWRG4 Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 50 page ![]() TLC27M2, TLC27M2A, TLC27M2B, TLC27M7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA TLC27M2C TLC27M2AC TLC27M2BC TLC27M7C UNIT MIN TYP MAX 25 °C 0.43 R = 100 k , VI(PP) = 1 V 0 °C 0.46 SR Slew rate at unity gain RL = 100 kΩ, CL = 20 pF, VI(PP) = 1 V 70 °C 0.36 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.40 V/ µs See Figure 1 VI(PP) = 2.5 V 0 °C 0.43 VI(PP) = 2.5 V 70 °C 0.34 Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 32 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 55 BOM Maximum output-swing bandwidth VO = VOH, RL = 100 kΩ, CL = 20 pF, See Figure 1 0 °C 60 kHz BOM Maximum output-swing bandwidth RL = 100 kΩ, See Figure 1 70 °C 50 VI = 10 mV, CL = 20 pF, 25 °C 525 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, 0 °C 600 kHz B1 Unity-gain bandwidth See Figure 3 70 °C 400 VI = 10 mV, f = B1, 25 °C 40 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 0 °C 41 ° φm Phase margin CL = 20 pF, See Figure 3 70 °C 39 ° operating characteristics at specified free-air temperature, VDD = 10 V PARAMETER TEST CONDITIONS TA TLC27M2C TLC27M2AC TLC27M2BC TLC27M7C UNIT MIN TYP MAX 25 °C 0.62 R = 100 k , VI(PP) = 1 V 0 °C 0.67 SR Slew rate at unity gain RL = 100 kΩ, CL = 20 pF, VI(PP) = 1 V 70 °C 0.51 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.56 V/ µs See Figure 1 VI(PP) = 5.5 V 0 °C 0.61 VI(PP) = 5.5 V 70 °C 0.46 Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 32 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 35 BOM Maximum output-swing bandwidth VO = VOH, RL = 100 kΩ, CL = 20 pF, See Figure 1 0 °C 40 kHz BOM Maximum output-swing bandwidth RL = 100 kΩ, See Figure 1 70 °C 30 kHz VI = 10 mV, CL = 20 pF, 25 °C 635 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, 0 °C 710 kHz B1 Unity-gain bandwidth See Figure 3 70 °C 510 kHz VI = 10 mV, f = B1, 25 °C 43 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 0 °C 44 ° φm Phase margin CL = 20 pF, See Figure 3 70 °C 42 ° |