| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS14 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS14 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9665801Q2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9665801Q2A SNJ54LS 14FK 5962-9665801QCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9665801QC A SNJ54LS14J 5962-9665801QDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9665801QD A SNJ54LS14W 5962-9665801VCA ACTIVE CDIP J 14 25 TBD A42 N / A for Pkg Type -55 to 125 5962-9665801VC A SNV54LS14J 5962-9665801VDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9665801VD A SNV54LS14W JM38510/31302BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31302BCA M38510/31302BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31302BCA SN5414J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN5414J SN54LS14J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS14J SN7414D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7414 SN7414DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7414 SN7414DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7414 SN7414DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7414 SN7414DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7414 SN7414DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7414 |