| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS5704PAPR Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5704PAPR Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 39 page ![]() 1/fS (= 32 fS, 48 fS, or 64 fS) L-Channel R-Channel LRCK SLCK DATA N−1 N−2 N−3 0 N−1 N−2 N−3 0 1 2 MSB LSB LSB MSB 1 2 N–1 N–2 LRCK MSB LSB 1/fS (= 32 fS, 48 fS, or 64 fS) 18-Bit Right-Justified, SCLK = 48 fS or 64 fS MSB LSB 20-Bit Right-Justified, SCLK = 48 fS or 64 fS LSB 16-Bit Right-Justified, SCLK = 48 fS or 64 fS 16-Bit Right-Justified, SCLK = 32 fS LSB L-Channel R-Channel SCLK DATA 2 1 0 2 1 0 2 1 0 2 1 0 2 1 0 DATA DATA DATA 17 16 15 2 1 0 2 1 0 19 18 17 2 1 0 MSB LSB MSB LSB LSB MSB LSB 15 14 13 2 1 0 2 1 0 17 16 15 2 1 0 19 18 17 2 1 0 MSB 15 14 13 MSB 15 14 13 MSB 15 14 13 24-Bit Right-Justified, SCLK = 48 fS LSB DATA 2 1 0 2 1 0 MSB LSB 23 22 21 2 1 0 MSB 23 22 21 LSB 24-Bit Right-Justified, SCLK = 64 fS 2 1 0 2 1 0 DATA LSB 2 1 0 MSB 23 22 21 MSB 23 22 21 TAS5704 www.ti.com SLOS563A – MARCH 2008 – REVISED AUGUST 2010 Left-Justified Left-justified (LJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 32, 48, or 64 × fs is used to clock in the data. The first bit of data appears on the data lines at the same time LRCLK toggles. The data is written MSB first and is valid on the rising edge of the bit clock. The DAP masks unused trailing data bit positions. Figure 27. Left-Justified Format Right-Justified Right-justified (RJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 32, 48, or 64 × fs is used to clock in the data. The first bit of data appears on the data 8 bit-clock periods (for 24-bit data) after LRCLK toggles. In RJ mode the LSB of data is always clocked by the last bit clock before LRCLK transitions. The data is written MSB first and is valid on the rising edge of the bit clock. The DAP masks unused leading data bit positions. Figure 28. Right-Justified Format Copyright © 2008–2010, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Link(s): TAS5704 |