| Moteur de recherche de fiches techniques de composants électroniques |
|
SN54LS153 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN54LS153 Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 18 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 76011012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 76011012A SNJ54LS 153FK 7601101EA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 7601101EA SNJ54LS153J 7601101FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 7601101FA SNJ54LS153W JM38510/07902BEA OBSOLETE CDIP J 16 TBD Call TI Call TI -55 to 125 JM38510/07902BFA OBSOLETE CFP W 16 TBD Call TI Call TI -55 to 125 JM38510/30902B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 30902B2A JM38510/30902BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30902BEA M38510/30902B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 30902B2A M38510/30902BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30902BEA SN54153J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54153J SN54LS153J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS153J SN54S153J OBSOLETE CDIP J 16 TBD Call TI Call TI -55 to 125 SN74153N OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS153D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS153 SN74LS153DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS153 SN74LS153DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS153 SN74LS153DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS153 SN74LS153DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS153 |