Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

23LC1024-I/P Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce 23LC1024-I/P
Description  1Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024-I/P Fiches technique(HTML) 13 Page - Microchip Technology

Back Button 23LC1024-I/P Datasheet HTML 9Page - Microchip Technology 23LC1024-I/P Datasheet HTML 10Page - Microchip Technology 23LC1024-I/P Datasheet HTML 11Page - Microchip Technology 23LC1024-I/P Datasheet HTML 12Page - Microchip Technology 23LC1024-I/P Datasheet HTML 13Page - Microchip Technology 23LC1024-I/P Datasheet HTML 14Page - Microchip Technology 23LC1024-I/P Datasheet HTML 15Page - Microchip Technology 23LC1024-I/P Datasheet HTML 16Page - Microchip Technology 23LC1024-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS25142A-page 13
23A1024/23LC1024
3.8
SPI/SDI and SQI Pin Designations
CS
SIO1
NC
Vss
Vcc
HOLD
SCK
SIO0
1
2
3
4
8
7
6
5
SDI Mode:
CS
SIO1
SIO2
Vss
Vcc
SIO3
SCK
SIO0
1
2
3
4
8
7
6
5
SQI Mode:
CS
SO
NC
Vss
Vcc
HOLD
SCK
SI
1
2
3
4
8
7
6
5
SPI Mode:
Note:
Pin 3 should not be left floating when
not using SQI Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32