Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS201TE/MM Fiches technique(PDF) 93 Page - Microchip Technology

No de pièce DSPIC33FJ06GS201TE/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/MM Fiches technique(HTML) 93 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/MM Datasheet HTML 89Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 90Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 91Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 92Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 93Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 94Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 95Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 96Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 91
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 6-2:
SYSTEM RESET TIMING
Reset
Run
Device Status
VDD
VPOR
VBOR
POR Reset
BOR Reset
SYSRST
TPWRT
TPOR
TBOR
Oscillator Clock
TOSCD
TOST
TLOCK
Time
FSCM
TFSCM
1
2
3
4
5
6
Note 1:
POR Reset:
A POR circuit holds the device in Reset when the power supply is turned on. The POR circuit is
active until VDD crosses the VPOR threshold and the delay, TPOR, has elapsed.
2:
BOR Reset:
The on-chip voltage regulator has a BOR circuit that keeps the device in Reset until VDD crosses
the VBOR threshold and the delay, TBOR, has elapsed. The delay, TBOR, ensures the voltage regulator output
becomes stable.
3:
PWRT Timer:
The programmable power-up timer continues to hold the processor in Reset for a specific period
of time (TPWRT) after a BOR. The delay, TPWRT, ensures that the system power supplies have stabilized at the
appropriate level for full-speed operation. After the delay, TPWRT has elapsed and the SYSRST becomes
inactive, which in turn, enables the selected oscillator to start generating clock cycles.
4:
Oscillator Delay:
The total delay for the clock to be ready for various clock source selections is given in
Table 6-1. Refer to Section 8.0 “Oscillator Configuration” for more information.
5:
When the oscillator clock is ready, the processor begins execution from location 0x000000. The user application
programs a GOTO instruction at the Reset address, which redirects program execution to the appropriate start-up
routine.
6:
If the Fail-Safe Clock Monitor (FSCM) is enabled, it begins to monitor the system clock when the system clock is
ready and the delay, TFSCM, has elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More