| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS101TE/MM Fiches technique(PDF) 117 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/MM Fiches technique(HTML) 117 Page - Microchip Technology |
|
117 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 115 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 7-16: IEC5: INTERRUPT ENABLE CONTROL REGISTER 5 R/W-0 R/W-0 U-0 U-0 U-0 U-0 U-0 U-0 PWM2IE(1) PWM1IE — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 PWM2IE: PWM2 Interrupt Enable bit(1) 1 = Interrupt request is enabled 0 = Interrupt request is not enabled bit 14 PWM1IE: PWM1 Interrupt Enable bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled bit 13-0 Unimplemented: Read as ‘0’ Note 1: This bit is unimplemented in dsPIC33FJ06GS101/102 devices. |