Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS101TE/MM Fiches technique(PDF) 77 Page - Microchip Technology

No de pièce DSPIC33FJ06GS101TE/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/MM Fiches technique(HTML) 77 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/MM Datasheet HTML 73Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 74Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 75Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 76Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 77Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 78Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 79Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 80Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 75
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 4-8:
BIT-REVERSED ADDRESS EXAMPLE
TABLE 4-49:
BIT-REVERSED ADDRESS SEQUENCE (16-ENTRY)
Normal Address
Bit-Reversed Address
A3
A2
A1
A0
Decimal
A3
A2
A1
A0
Decimal
00
00
0
00
00
0
00
01
1
10
00
8
00
10
2
01
00
4
00
11
3
11
00
12
01
00
4
00
10
2
01
01
5
10
10
10
01
10
6
01
10
6
01
11
7
11
10
14
10
00
8
00
01
1
10
01
9
10
01
9
10
10
10
01
01
5
10
11
11
11
01
13
11
00
12
00
11
3
11
01
13
10
11
11
11
10
14
01
11
7
11
11
15
11
11
15
b3 b2 b1 0
b2 b3 b4
0
Bit Locations Swapped Left-to-Right
Around Center of Binary Value
Bit-Reversed Address
XB = 0x0008 for a 16-Word Bit-Reversed Buffer
b7 b6 b5 b1
b7 b6 b5 b4
b11 b10 b9 b8
b11 b10 b9 b8
b15 b14 b13 b12
b15 b14 b13 b12
Sequential Address
Pivot Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More