| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS201TI/MM Fiches technique(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/MM Fiches technique(HTML) 110 Page - Microchip Technology |
|
110 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 108 Preliminary © 2009 Microchip Technology Inc. REGISTER 7-9: IFS5: INTERRUPT FLAG STATUS REGISTER 5 R/W-0 R/W-0 U-0 U-0 U-0 U-0 U-0 U-0 PWM2IF(1) PWM1IF — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 PWM2IF: PWM2 Interrupt Flag Status bit(1) 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 14 PWM1IF: PWM1 Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 13-0 Unimplemented: Read as ‘0’ Note 1: This bit is not implemented in dsPIC33FJ06GS101/102 devices. |