Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS201TI/MM Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Fiches technique(HTML) 33 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 29Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 30Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 31Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 32Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 33Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 34Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 35Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 36Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 31
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 3-2:
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 PROGRAMMER’S MODEL
PC22
PC0
7
0
D0
D15
Program Counter
Data Table Page Address
STATUS Register
Working Registers
DSP Operand
Registers
W1
W2
W3
W4
W5
W6
W7
W8
W9
W10
W11
W12/DSP Offset
W13/DSP Write Back
W14/Frame Pointer
W15/Stack Pointer
DSP Address
Registers
AD39
AD0
AD31
DSP
Accumulators
ACCA
ACCB
7
0
Program Space Visibility Page Address
Z
0
OA OB
SA
SB
RCOUNT
15
0
REPEAT
Loop Counter
DCOUNT
15
0
DO
Loop Counter
DOSTART
22
0
DO
Loop Start Address
IPL2 IPL1
SPLIM
Stack Pointer Limit Register
AD15
SRL
PUSH.S
Shadow
DO
Shadow
OAB SAB
15
0
Core Configuration Register
Legend
CORCON
DA
DC
RA
N
TBLPAG
PSVPAG
IPL0
OV
W0/WREG
SRH
DO
Loop End Address
DOEND
22
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More