Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS101TI/MM Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce DSPIC33FJ06GS101TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/MM Fiches technique(HTML) 17 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/MM Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 16Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 17Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 18Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 19Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 20Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 15
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following dsPIC33F Digital Signal Controller (DSC)
devices:
• dsPIC33FJ06GS101
• dsPIC33FJ06GS102
• dsPIC33FJ06GS202
• dsPIC33FJ16GS402
• dsPIC33FJ16GS404
• dsPIC33FJ16GS502
• dsPIC33FJ16GS504
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices contain extensive Digital Signal Processor
(DSP) functionality with a high-performance, 16-bit
microcontroller (MCU) architecture.
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the dsPIC33FJ06GS101/X02
and dsPIC33FJ16GSX02/X04 devices. Table 1-1 lists
the functions of the various pins shown in the pinout
diagrams.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
. Please see the
Microchip web site (www.microchip.com)
for the latest “dsPIC33F Family Reference
Manual”
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More