Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS201TE/ML Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Fiches technique(HTML) 10 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 8
Preliminary
© 2009 Microchip Technology Inc.
Pin Diagrams (Continued)
28-Pin QFN-S(2)
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
dsPIC33FJ16GS402
5
4
PWM2L/RP14(1)/CN14/RB14
PWM2H/RP13(1)/CN13/RB13
TCK/PWM3L/RP12(1)/CN12/RB12
TMS/PWM3H/RP11(1)/CN11/RB11
VSS
VCAP/VDDCORE
PGEC1/SDA/RP7(1)/CN7/RB7
AN2/RA2
AN3/RP0(1)/CN0/RB0
AN4/RP9(1)/CN9/RB9
AN5/RP10(1)/CN10/RB10
VSS
OSC1/CLKIN/AN6/RP1(1)/CN1/RB1
OSC2/CLKO/AN7/RP2(1)/CN2/RB2
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
dsPIC33FJ16GS502
5
4
PWM2L/RP14(1)/CN14/RB14
PWM2H/RP13(1)/CN13/RB13
TCK/PWM3L/RP12(1)/CN12/RB12
TMS/PWM3H/RP11(1)/CN11/RB11
VSS
VCAP/VDDCORE
PGEC1/SDA/RP7(1)/CN7/RB7
AN2/CMP1C/CMP2A/RA2
AN3/CMP1D/CMP2B/RP0(1)/CN0/RB0
AN4/CMP2C/CMP3A/RP9(1)/CN9/RB9
AN5/CMP2D/CMP3B/RP10(1)/CN10/RB10
VSS
OSC1/CLKIN/AN6/CMP3C/CMP4A/RP1(1)/CN1/RB1
OSC2/CLKO/AN7/CMP3D/CMP4B/RP2(1)/CN2/RB2
Note
1:
The RPn pins can be used by any remappable peripheral. See the “dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04 Controller Families”
table for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to
VSS externally.
28-Pin QFN-S(2)
= Pins are up to 5V tolerant
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More