Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F0010AT-30E/PF Fiches technique(PDF) 70 Page - Microchip Technology

No de pièce DSPIC30F0010AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30E/PF Fiches technique(HTML) 70 Page - Microchip Technology

Back Button DSPIC30F0010AT-30E/PF Datasheet HTML 66Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 67Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 68Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 69Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 70Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 71Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 72Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 73Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 68
© 2007 Microchip Technology Inc.
FIGURE 10-1:
32-BIT TIMER2/3 BLOCK DIAGRAM FOR dsPIC30F6010A
TMR3
TMR2
T3IF
Equal
Comparator x 32
PR3
PR2
Reset
LSB
MSB
Event Flag
Note:
Timer Configuration bit T32, T2CON(<3>) must be set to ‘1’ for a 32-bit timer/counter operation. All control
bits are respective to the T2CON register.
Data Bus<15:0>
TMR3HLD
Read TMR2
Write TMR2
16
16
16
Q
QD
CK
TGATE (T2CON<6>)
(T2CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TCY
1 x
0 1
0 0
Gate
T2CK
Sync
ADC Event Trigger
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More