| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS201TI/ML Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/ML Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 18 Preliminary © 2009 Microchip Technology Inc. CMP1A CMP1B CMP1C CMP1D CMP2A CMP2B CMP2C CMP2D CMP3A CMP3B CMP3C CMP3D CMP4A CMP4B CMP4C CMP4D I I I I I I I I I I I I I I I I Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog No No No No No No No No No No No No No No No No Comparator 1 Channel A Comparator 1 Channel B Comparator 1 Channel C Comparator 1 Channel D Comparator 2 Channel A Comparator 2 Channel B Comparator 2 Channel C Comparator 2 Channel D Comparator 3 Channel A Comparator 3 Channel B Comparator 3 Channel C Comparator 3 Channel D Comparator 4 Channel A Comparator 4 Channel B Comparator 4 Channel C Comparator 4 Channel D DACOUT O — No DAC output voltage ACMP1-ACMP4 O — Yes DAC trigger to PWM module EXTREF I Analog No External voltage reference input for the reference DACs REFCLKO O — Yes REFCLKO output signal is a postscaled derivative of the system clock FLT1-FLT8 SYNCI1-SYNCI2 SYNCO1 PWM1L PWM1H PWM2L PWM2H PWM3L PWM3H PWM4L PWM4H I I O O O O O O O O O ST ST — — — — — — — — — Yes Yes Yes No No No No No No Yes Yes Fault Inputs to PWM module External synchronization signal to PWM Master Time Base PWM master time base for external device synchronization PWM1 low output PWM1 high output PWM2 low output PWM2 high output PWM3 low output PWM3 high output PWM4 low output PWM4 high output PGED1 PGEC1 PGED2 PGEC2 PGED3 PGEC3 I/O I I/O I I/O I ST ST ST ST ST ST No No No No No No Data I/O pin for programming/debugging communication Channel 1 Clock input pin for programming/debugging communication Channel 1 Data I/O pin for programming/debugging communication Channel 2 Clock input pin for programming/debugging communication Channel 2 Data I/O pin for programming/debugging communication Channel 3 Clock input pin for programming/debugging communication Channel 3 MCLR I/P ST No Master Clear (Reset) input. This pin is an active-low Reset to the device. AVDD P P No Positive supply for analog modules. This pin must be connected at all times. AVSS P P No Ground reference for analog modules VDD P — No Positive supply for peripheral logic and I/O pins VCAP/VDDCORE P — No CPU logic filter capacitor connection VSS P — No Ground reference for logic and I/O pins TABLE 1-1: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Type Buffer Type PPS Capable Description Legend: CMOS = CMOS compatible input or output Analog = Analog input I = Input ST = Schmitt Trigger input with CMOS levels P = Power O = Output TTL = Transistor-Transistor Logic PPS = Peripheral Pin Select |