| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS101TI/ML Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TI/ML Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 36 Preliminary © 2009 Microchip Technology Inc. TABLE 3-1: DSP INSTRUCTIONS SUMMARY FIGURE 3-3: DSP ENGINE BLOCK DIAGRAM Instruction Algebraic Operation ACC Write Back CLR A = 0 Yes ED A = (x – y)2 No EDAC A = A + (x – y)2 No MAC A = A + (x * y) Yes MAC A = A + x2 No MOVSAC No change in A Yes MPY A = x * y No MPY A = x 2 No MPY.N A = – x * y No MSC A = A – x * y Yes Zero Backfill Sign-Extend Barrel Shifter 40-bit Accumulator A 40-bit Accumulator B Round Logic To/From W Array Adder Saturate Negate 32 32 33 16 16 16 16 40 40 40 40 S a t u r a t e 40 Carry/Borrow Out Carry/Borrow In 16 40 Multiplier/Scaler 17-Bit |