Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2011AT-30E/PF Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Fiches technique(HTML) 8 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 4Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 5Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 6Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 7Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 8Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 9Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 10Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 11Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 238 page
background image
dsPIC30F6011A/6012A/6013A/6014A
DS70143C-page 6
Preliminary
© 2006 Microchip Technology Inc.
Pin Diagrams (Continued)
Note:
For descriptions of individual pins, see Section 1.0 “Device Overview”.
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
50
49
48
47
46
45
44
41
17
18
19
1
57
56
55
54
53
52
51
60
59
58
43
42
EMUC2/OC1/RD0
IC4/RD11
IC2/RD9
IC1/RD8
INT4/RA15
IC3/RD10
INT3/RA14
VSS
OSC1/CLKI
VDD
SCL/RG2
U1RX/RF2
U1TX/RF3
EMUC1/SOSCO/T1CK/CN0/RC14
EMUD1/SOSCI/CN1/RC13
T3CK/RC2
T4CK/RC3
T5CK/RC4
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
SS2/CN11/RG9
AN4/CN6/RB4
AN3/CN5/RB3
AN2/SS1/LVDIN/CN4/RB2
PGC/EMUC/AN1/CN3/RB1
PGD/EMUD/AN0/CN2/RB0
VSS
VDD
COFS/RG15
T2CK/RC1
INT2/RA13
INT1/RA12
SDA/RG3
SDI1/RF7
EMUD3/SDO1/RF8
AN5/CN7/RB5
OSC2/CLKO/RC15
EMUC3/SCK1/INT0/RF6
80-Pin TQFP
dsPIC30F6014A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More