| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC506AP Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MPC506AP Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 19 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 12-Mar-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples MPC506AP ACTIVE PDIP NTD 28 13 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type MPC506AP MPC506APG4 ACTIVE PDIP NTD 28 13 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type MPC506AP MPC506AU ACTIVE SOIC DW 28 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 MPC506AU MPC506AU/1K ACTIVE SOIC DW 28 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR MPC506AU MPC506AU/1KG4 ACTIVE SOIC DW 28 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR MPC506AU MPC506AUG4 ACTIVE SOIC DW 28 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 MPC506AU MPC507AP ACTIVE PDIP NTD 28 13 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 MPC507AP MPC507APG4 ACTIVE PDIP NTD 28 13 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 MPC507AP MPC507AU ACTIVE SOIC DW 28 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 MPC507AU MPC507AU/1K ACTIVE SOIC DW 28 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 MPC507AU MPC507AU/1KG4 ACTIVE SOIC DW 28 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 MPC507AU MPC507AUG4 ACTIVE SOIC DW 28 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 MPC507AU (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |