Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS201TI/SP Fiches technique(PDF) 189 Page - Microchip Technology

No de pièce DSPIC33FJ06GS201TI/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/SP Fiches technique(HTML) 189 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/SP Datasheet HTML 185Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 186Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 187Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 188Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 189Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 190Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 191Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 192Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 187
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 12-3:
32-BIT TIMER BLOCK DIAGRAM
Prescaler
(/n)
TGATE
TCS
00
10
x1
TMRx(1)
PRx
TGATE
Set TyIF
0
1
Sync
TCKPS<1:0>
Equal
TxCK
Gate
Sync
FCY
Falling Edge
Detect
Prescaler
(/n)
TCKPS<1:0>
TMRy(2)
Comparator
PRy
Reset
msw
lsw
TMRyHLD
Data Bus <15:0>
Flag
Note 1:
Timerx is a Type B Timer (x = 2).
2:
Timery is a Type C Timer (y = 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More