| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS201TI/SP Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 7 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Pin Diagrams (Continued) 28-Pin QFN-S(2) 10 11 2 3 6 1 18 19 20 21 22 12 13 14 15 8 7 16 17 23 24 25 26 27 28 9 dsPIC33FJ06GS102 5 4 PWM2L/RP14(1)/CN14/RB14 PWM2H/RP13(1)/CN13/RB13 TCK/RP12(1)/CN12/RB12 TMS/RP11(1)/CN11/RB11 VSS VCAP/VDDCORE PGEC1/SDA/RP7(1)/CN7/RB7 AN2/RA2 AN3/RP0(1)/CN0/RB0 AN4/RP9(1)/CN9/RB9 AN5/RP10(1)/CN10/RB10 VSS OSC1/CLKIN/RP1(1)/CN1/RB1 OSC2/CLKO/RP2(1)/CN2/RB2 10 11 2 3 6 1 18 19 20 21 22 12 13 14 15 8 7 16 17 23 24 25 26 27 28 9 dsPIC33FJ06GS202 5 4 PWM2L/RP14(1)/CN14/RB14 PWM2H/RP13(1)/CN13/RB13 TCK/RP12(1)/CN12/RB12 TMS/RP11(1)/CN11/RB11 VSS VCAP/VDDCORE PGEC1/SDA/RP7(1)/CN7/RB7 AN2/CMP1C/CMP2A/RA2 AN3/CMP1D/CMP2B/RP0(1)/CN0/RB0 AN4/CMP2C/RP9(1)/CN9/RB9 AN5/CMP2D/RP10(1)/CN10/RB10 VSS OSC1/CLKIN/RP1(1)/CN1/RB1 OSC2/CLKO/RP2(1)/CN2/RB2 Note 1: The RPn pins can be used by any remappable peripheral. See the “dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Controller Families” table for the list of available peripherals. 2: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally. = Pins are up to 5V tolerant = Pins are up to 5V tolerant 28-Pin QFN-S(2) |