Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS201TI/SP Fiches technique(PDF) 218 Page - Microchip Technology

No de pièce DSPIC33FJ06GS201TI/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/SP Fiches technique(HTML) 218 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/SP Datasheet HTML 214Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 215Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 216Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 217Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 218Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 219Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 220Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 221Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 216
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 15-19: PWMCAPx: PRIMARY PWMx TIME BASE CAPTURE REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
PWMCAP<15:8>(1,2)
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
U-0
U-0
U-0
PWMCAP<7:3>(1,2)
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-3
PWMCAP<15:3>:
Captured PWM Time Base Value bits(1,2)
The value in this register represents the captured PWM time base value when a leading edge is
detected on the current-limit input.
bit 2-0
Unimplemented:
Read as ‘0’
Note 1:
The capture feature is only available on primary output (PWMxH).
2:
This feature is active only after LEB processing on the current-limit input signal is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More