| Moteur de recherche de fiches techniques de composants électroniques |
|
TC653 Fiches technique(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC653 Fiches technique(HTML) 40 Page - Microchip Technology |
|
40 / 44 page ![]() 40 Analog & Interface Product Selector Guide Analog Design Development Tools Evaluation, Demonstration and Development Kits Order # Description Devices Supported Power Management Demonstration and Evaluation Tools (Continued) MCP73833EV MCP73833 Li-Ion Battery Charger Evaluation Board MCP73833, MCP73834 MCP7383XEV-DIBC MCP73837/8 AC/USB Dual Input Battery Charger Evaluation Board MCP73837, MCP73838 MCP7383XRD-PPM MCP7383X Li-Ion System Power Path Management Reference Design MCP73831, MCP73832, MCP73833, MCP73834 MCP7384XEV MCP7384X Li-Ion Battery Charger Evaluation Board MCP7384X MCP73855EV MCP73855 Li-Ion Battery Charger Evaluation Board MCP73855 MCP7386XEV MCP7386X Li-Ion Battery Charger Evaluation Board MCP7386X MCP73871EV MCP73871 Evaluation Board MCP73871 SOT23-3EV-VREG SOT23-3 Voltage Regulator Evaluation Board MCP1701A, MCP1702, MCP1703 SOT223-3EV-VREG SOT223-3 Voltage Regulator Evaluation Board MCP1791, MCP1824, MCP1825, MCP1826 SOT89-3EV-VREG SOT89-3 Voltage Regulator Evaluation Board MCP1700, MCP1701A, MCP1702, MCP1703 SOT23-5EV-VREG SOT23-5 Voltage Regulator Evaluation Board MCP1801, MCP1802, TC1014/1015/1185, and other SOT23-5 LDOs SOT223-5EV-VREG SOT223-5 Voltage Regulator Evaluation Board MCP1790, MCP1824, MCP1825, MCP1826 TO263-3EV-VREG TO220-3/TO263-3 Voltage Regulator Evaluation Board MCP1790, MCP1825S, MCP1826S, MCP1827S TO263-5EV-VREG TO220-5/TO263-5 Voltage Regulator Evaluation Board MCP1790, MCP1791, MCP1825, MCP1826, MCP1827 TC110DM TC110 Boost Converter Demonstration Board TC110, MCP73832 TC115EV TC115 PFM/PWM Boost Converter Evaluation Board TC115 TC1016/17EV TC1016/17 LDO Linear Regulator Evaluation Board TC1016/17 TC1303BDM-DDBK1 TC1303B Demonstration Board TC1303B TC1303DM-DDBK2 TC1303 DFN Adjustable Output Demonstration Board TC1303C EVB-UCS1001 UCS1001 Evaluation Board UCS1001-1, UCS1001-2 EVB-UCS1002 UCS1002 Evaluation Board UCS1002 Interface Products Demonstration and Evaluation Tools ADM00419 MCP2210 Breakout Module MCP2210 ADM00421 MCP2210 Evaluation Kit MCP2210 DV251001 MCP2510/2515 CAN Developer’s Kit MCP2515, MCP2510 DV250501 MCP250XX CAN I/O Expanders Developer’s Kit MCP25020, MCP25025, MCP25050, MCP25055 GPIODM-KPLCD GPIO Expander Keypad and LCD Demonstration Board MCP23008, MCP23S08, MCP23017, MCP23S17, PIC18F4550, MCP1702 MCP212XDM MCP2120/22 Developer's Board MCP2120, MCP2122 MCP212XEV-DB MCP212X Developer’s Daughter Board MCP212X MCP2140DM-TMPSNS MCP2140 IrDA®Wireless Temp Demonstration Board MCP2140 MCP215X/40EV-DB MCP215X/40 Developer’s Daughter Board MCP2140, MCP2150/55 MCP215XDM MCP215X Data Logger Demonstration Board MCP2150/55 MCP2150DM MCP2150 Developer's Board MCP2150, MCP2155 MCP2200EV-VCP MCP2200 USB to RS232 Demonstration Board MCP2200 MCP23X08EV MCP23X08 8-bit GPIO Expander Evaluation Board MCP23008, MCP23S08 MCP23X17EV MCP23X17 16-bit GPIO Expander Evaluation Board MCP23017, MCP23S17 MCP2515DM-BM MCP2515 CAN Bus Monitor Demonstration Board MCP2515, MCP2551 MCP2515DM-PCTL MCP2515 CAN Controller PICtail™ Demonstration Board MCP2515 MCP2515DM-PTPLS MCP2515 PICtail™ Plus Daughter Board MCP2515, MCP2551 PKSERIAL-I2C1 PICkit™ Serial I2C™ Demonstration Board 24LC02B, MCP9801, MCP3221, TC1321, MCP23008 PKSERIAL-SPI1 PICkit™ Serial SPI Demonstration Board 25LC020A, TC77, MCP3201, MCP4822, MCP41010, MCP6S92, MCP23S08 |