Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ12GP201TE/ML Fiches technique(PDF) 165 Page - Microchip Technology

No de pièce DSPIC33FJ12GP201TE/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/ML Fiches technique(HTML) 165 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/ML Datasheet HTML 161Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 162Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 163Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 164Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 165Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 166Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 167Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 168Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 163
dsPIC33FJ12GP201/202
EQUATION 17-1:
ADC CONVERSION CLOCK PERIOD
FIGURE 17-2:
ADC TRANSFER FUNCTION (10-BIT EXAMPLE)
FIGURE 17-3:
ADC CONVERSION CLOCK PERIOD BLOCK DIAGRAM
TAD = TCY(ADCS + 1)
ADCS =
TAD
TCY
– 1
10 0000 0010 (= 514)
10 0000 0011 (= 515)
01 1111 1101 (= 509)
01 1111 1110 (= 510)
01 1111 1111 (= 511)
11 1111 1110 (= 1022)
11 1111 1111 (= 1023)
00 0000 0000 (= 0)
00 0000 0001 (= 1)
Output Code
10 0000 0000 (= 512)
(VINH – VINL)
VREFL
VREFH – VREFL
1024
VREFH
VREFL +
10 0000 0001 (= 513)
512 * (VREFH – VREFL)
1024
VREFL +
1023 * (VREFH – VREFL)
1024
VREFL +
0
1
ADC Internal
RC Clock
TOSC(1)
X
2
ADC Conversion
Clock Multiplier
1, 2, 3, 4, 5,..., 64
AD1CON3<15>
TCY
TAD
6
AD1CON3<5:0>
Note:
Refer to Figure 7-2 for the derivation of FOSC when the PLL is enabled. If the PLL is not used, FOSC is equal
to the clock frequency. TOSC = 1/FOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More