| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ12GP201TE/ML Fiches technique(PDF) 113 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/ML Fiches technique(HTML) 113 Page - Microchip Technology |
|
113 / 242 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70264B-page 111 dsPIC33FJ12GP201/202 REGISTER 9-6: RPINR11: PERIPHERAL PIN SELECT INPUT REGISTER 11 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 — — —OCFAR<4:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-5 Unimplemented: Read as ‘0’ bit 4-0 OCFAR<4:0>: Assign Output Capture A (OCFA) to the corresponding RPn pin bits 11111 = Input tied to VSS 01111 = Input tied to RP15 • • • 00001 = Input tied to RP1 00000 = Input tied to RP0 |