| Moteur de recherche de fiches techniques de composants électroniques |
|
REF5010AID Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF5010AID Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 28 page ![]() ADS8326 REF5040 REF V OUT GND +IN - IN V IN +5V OPA365 Input Signal 0Vto4V +5V +5V V DD GND C BYPASS 1 F m R 1 50W C 1 1.2nF C 2 22 F m - 2.5V +2.5V +5V NOTE:Bypasscapacitorsnotshown. R 1 10kW R 2 10kW - 5V OPA735 +5V DNC TEMP V OUT V IN GND DNC NC TRIM/NR REF5025 1 F m REF5010, REF5020 REF5025, REF5030 REF5040, REF5045, REF5050 SBOS410E – JUNE 2007 – REVISED JUNE 2010 www.ti.com APPLICATION CIRCUITS DATA ACQUISITION NEGATIVE REFERENCE VOLTAGE Data acquisition systems often require stable voltage For applications requiring a negative and positive references to maintain accuracy. The REF50xx family reference voltage, the REF50xx and OPA735 can be features low noise, very low drift, and high initial used to provide a dual-supply reference from a 5V accuracy for high-performance data converters. supply. Figure 33 shows the REF5025 used to Figure 34 shows the REF5040 in a basic data provide a 2.5V supply reference voltage. The low drift acquisition system. performance of the REF50xx complements the low offset voltage and zero drift of the OPA735 to provide an accurate solution for split-supply applications. Care must be taken to match the temperature coefficients of R1 and R2. Figure 34. Basic Data Acquisition System Figure 33. The REF5025 and OPA735 Create Positive and Negative Reference Voltages 12 Submit Documentation Feedback Copyright © 2007–2010, Texas Instruments Incorporated Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050 |