| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ12GP201TE/SP Fiches technique(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/SP Fiches technique(HTML) 52 Page - Microchip Technology |
|
52 / 242 page ![]() dsPIC33FJ12GP201/202 DS70264B-page 50 Preliminary © 2007 Microchip Technology Inc. REGISTER 4-2: NVMKEY: NONVOLATILE MEMORY KEY REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 W-0 W-0 W-0 W-0 W-0 W-0 W-0 W-0 NVMKEY<7:0> bit 7 bit 0 Legend: SO = Satiable only bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-8 Unimplemented: Read as ‘0’ bit 7-0 NVMKEY<7:0>: Key Register (write-only) bits |