| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ12GP201TE/P Fiches technique(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/P Fiches technique(HTML) 63 Page - Microchip Technology |
|
63 / 242 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70264B-page 61 dsPIC33FJ12GP201/202 TABLE 6-1: INTERRUPT VECTORS Vector Number Interrupt Request (IRQ) Number IVT Address AIVT Address Interrupt Source 8 0 0x000014 0x000114 INT0 – External Interrupt 0 9 1 0x000016 0x000116 IC1 – Input Compare 1 10 2 0x000018 0x000118 OC1 – Output Compare 1 11 3 0x00001A 0x00011A T1 – Timer1 12 4 0x00001C 0x00011C Reserved 13 5 0x00001E 0x00011E IC2 – Input Capture 2 14 6 0x000020 0x000120 OC2 – Output Compare 2 15 7 0x000022 0x000122 T2 – Timer2 16 8 0x000024 0x000124 T3 – Timer3 17 9 0x000026 0x000126 SPI1E – SPI1 Error 18 10 0x000028 0x000128 SPI1 – SPI1 Transfer Done 19 11 0x00002A 0x00012A U1RX – UART1 Receiver 20 12 0x00002C 0x00012C U1TX – UART1 Transmitter 21 13 0x00002E 0x00012E ADC1 – ADC 1 22 14 0x000030 0x000130 Reserved 23 15 0x000032 0x000132 Reserved 24 16 0x000034 0x000134 SI2C1 – I2C1 Slave Events 25 17 0x000036 0x000136 MI2C1 – I2C1 Master Events 26 18 0x000038 0x000138 Reserved 27 19 0x00003A 0x00013A Change Notification Interrupt 28 20 0x00003C 0x00013C INT1 – External Interrupt 1 29 21 0x00003E 0x00013E Reserved 30 22 0x000040 0x000140 IC7 – Input Capture 7 31 23 0x000042 0x000142 IC8 – Input Capture 8 32 24 0x000044 0x000144 Reserved 33 25 0x000046 0x000146 Reserved 34 26 0x000048 0x000148 Reserved 35 27 0x00004A 0x00014A Reserved 36 28 0x00004C 0x00014C Reserved 37 29 0x00004E 0x00014E INT2 – External Interrupt 2 38 30 0x000050 0x000150 Reserved 39 31 0x000052 0x000152 Reserved 40 32 0x000054 0x000154 Reserved 41 33 0x000056 0x000156 Reserved 42 34 0x000058 0x000158 Reserved 43 35 0x00005A 0x00015A Reserved 44 36 0x00005C 0x00015C Reserved 45 37 0x00005E 0x00015E Reserved 46 38 0x000060 0x000160 Reserved 47 39 0x000062 0x000162 Reserved 48 40 0x000064 0x000164 Reserved 49 41 0x000066 0x000166 Reserved 50 42 0x000068 0x000168 Reserved 51 43 0x00006A 0x00016A Reserved 52 44 0x00006C 0x00016C Reserved 53 45 0x00006E 0x00016E Reserved |