| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F3010 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F3010 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 236 page ![]() © 2007 Microchip Technology Inc. DS70150C-page 11 dsPIC30F6010A/6015 FLTA FLTB PWM1L PWM1H PWM2L PWM2H PWM3L PWM3H PWM4L PWM4H I I O O O O O O O O ST ST — — — — — — — — PWM Fault A input. PWM Fault B input. PWM 1 Low output. PWM 1 High output. PWM 2 Low output. PWM 2 High output. PWM 3 Low output. PWM 3 High output. PWM 4 Low output. PWM 4 High output. MCLR I/P ST Master Clear (Reset) input or programming voltage input. This pin is an active-low Reset to the device. OCFA OCFB OC1-OC8 I I O ST ST — Compare Fault A input (for Compare channels 1, 2, 3 and 4). Compare Fault B input (for Compare channels 5, 6, 7 and 8). Compare outputs 1 through 8. OSC1 OSC2 I I/O ST/CMOS — Oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. PGD PGC I/O I ST ST In-Circuit Serial Programming™ data input/output pin. In-Circuit Serial Programming clock input pin. RA9-RA10 RA14-RA15 I/O I/O ST ST PORTA is a bidirectional I/O port. RB0-RB15 I/O ST PORTB is a bidirectional I/O port. RC1 RC3 RC13-RC15 I/O I/O I/O ST ST ST PORTC is a bidirectional I/O port. RD0-RD15 I/O ST PORTD is a bidirectional I/O port. RE0-RE9 I/O ST PORTE is a bidirectional I/O port. RF0-RF8 I/O ST PORTF is a bidirectional I/O port. RG0-RG3 RG6-RG9 I/O I/O ST ST PORTG is a bidirectional I/O port. SCK1 SDI1 SDO1 SS1 SCK2 SDI2 SDO2 SS2 I/O I O I I/O I O I ST ST — ST ST ST — ST Synchronous serial clock input/output for SPI #1. SPI #1 Data In. SPI #1 Data Out. SPI #1 Slave Synchronization. Synchronous serial clock input/output for SPI #2. SPI #2 Data In. SPI #2 Data Out. SPI #2 Slave Synchronization. SCL SDA I/O I/O ST ST Synchronous serial clock input/output for I2C™. Synchronous serial data input/output for I2C. SOSCO SOSCI O I — ST/CMOS 32 kHz low-power oscillator crystal output. 32 kHz low-power oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise. T1CK T2CK T4CK I I I ST ST ST Timer1 external clock input. Timer2 external clock input. Timer4 external clock input. TABLE 1-1: dsPIC30F6010A/6015 I/O PIN DESCRIPTIONS (CONTINUED) Pin Name Pin Type Buffer Type Description Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |