| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP604-I/P Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP604-I/P Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 34 page ![]() © 2007 Microchip Technology Inc. DS21314G-page 1 MCP601/1R/2/3/4 Features • Single-Supply: 2.7V to 6.0V • Rail-to-Rail Output • Input Range Includes Ground • Gain Bandwidth Product: 2.8 MHz (typical) • Unity-Gain Stable • Low Quiescent Current: 230 µA/amplifier (typical) • Chip Select (CS): MCP603 only • Temperature Ranges: - Industrial: -40°C to +85°C - Extended: -40°C to +125°C • Available in Single, Dual, and Quad Typical Applications • Portable Equipment • A/D Converter Driver • Photo Diode Pre-amp • Analog Filters • Data Acquisition • Notebooks and PDAs • Sensor Interface Available Tools • SPICE Macro Models • FilterLab® Software • Mindi™ Simulation Tool • MAPS (Microchip Advanced Part Selector) • Analog Demonstration and Evaluation Boards • Application Notes Description The Microchip Technology Inc. MCP601/1R/2/3/4 family of low-power operational amplifiers (op amps) are offered in single (MCP601), single with Chip Select (CS) (MCP603), dual (MCP602), and quad (MCP604) configurations. These op amps utilize an advanced CMOS technology that provides low bias current, high- speed operation, high open-loop gain, and rail-to-rail output swing. This product offering operates with a single supply voltage that can be as low as 2.7V, while drawing 230 µA (typical) of quiescent current per amplifier. In addition, the common mode input voltage range goes 0.3V below ground, making these amplifiers ideal for single-supply operation. These devices are appropriate for low power, battery operated circuits due to the low quiescent current, for A/D convert driver amplifiers because of their wide bandwidth or for anti-aliasing filters by virtue of their low input bias current. The MCP601, MCP602, and MCP603 are available in standard 8-lead PDIP, SOIC, and TSSOP packages. The MCP601 and MCP601R are also available in a standard 5-lead SOT-23 package, while the MCP603 is available in a standard 6-lead SOT-23 package. The MCP604 is offered in standard 14-lead PDIP, SOIC, and TSSOP packages. The MCP601/1R/2/3/4 family is available in the Industrial and Extended temperature ranges and has a power supply range of 2.7V to 6.0V. Package Types VIN+ VIN– VSS VOUT VDD 1 2 3 4 8 7 6 5 NC NC NC VINA+ VINA– VDD VINC+ VSS VOUTC VINC– VOUTA VINB+ VIND– VOUTD VOUTB VINB– VIND+ VINA+ VINA– VSS VINB– VOUTB 1 2 3 4 8 7 6 5 VDD VINB+ VOUTA MCP601 PDIP, SOIC, TSSOP MCP604 PDIP, SOIC, TSSOP MCP602 PDIP, SOIC, TSSOP VIN+ VSS VIN– 1 2 3 5 4 VDD VOUT MCP601 SOT23-5 VIN+ VSS VIN– 1 2 3 6 4 VDD VOUT MCP603 SOT23-6 CS 5 VIN+ VIN– VSS VOUT VDD 1 2 3 4 8 7 6 5 CS NC NC MCP603 PDIP, SOIC, TSSOP 14 13 12 1 2 3 4 5 6 7 11 10 9 8 VIN+ VDD VIN– 1 2 3 5 4 VSS VOUT MCP601R SOT23-5 2.7V to 6.0V Single Supply CMOS Op Amps |
Numéro de pièce similaire - MCP604-I/P |
|
Description similaire - MCP604-I/P |