Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS362T-I/P Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce HCS362T-I/P
Description  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/P Fiches technique(HTML) 26 Page - Microchip Technology

Back Button HCS362T-I/P Datasheet HTML 22Page - Microchip Technology HCS362T-I/P Datasheet HTML 23Page - Microchip Technology HCS362T-I/P Datasheet HTML 24Page - Microchip Technology HCS362T-I/P Datasheet HTML 25Page - Microchip Technology HCS362T-I/P Datasheet HTML 26Page - Microchip Technology HCS362T-I/P Datasheet HTML 27Page - Microchip Technology HCS362T-I/P Datasheet HTML 28Page - Microchip Technology HCS362T-I/P Datasheet HTML 29Page - Microchip Technology HCS362T-I/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
HCS362
DS40189D-page 26
Preliminary
© 2002 Microchip Technology Inc.
FIGURE 7-1:
POWER-UP AND TRANSMIT TIMING
TABLE 7-3:
POWER-UP AND TRANSMIT TIMING REQUIREMENTS(3)
VDD = +2.0 to 6.3V
Industrial
(I):
TAMB = -40
°C to +85 °C
Parameter
Symbol
Min.
Typical
Max.
Unit
Remarks
Transmit delay from button detect
TTD
26
30
40
ms
(Note 1)
Debounce delay
TDB
18
20
22
ms
—
Auto-shutoff time-out period (TIMO=10)
TTO
23.4
25.6
28.16
s
(Note 2)
RFEN after key press
TRFON
22
26
36
ms
—
LED on after key press
TLED
25
—
45
ms
—
Time to terminate code word from previous
button press
TTP
——
10 ms
—
—
Note 1: Transmit delay maximum value if the previous transmission was successfully transmitted.
2: The Auto-shutoff time-out period is not tested.
3: These values are characterized but not tested
SN
TDB
DATA
TTD
TTO
Code Word
1
Code Word
2
Code Word
3
Code Word
n
TTP
Button Press
Detect
RFEN
LED
TRFON
TLED
1 TE
Code Word from previous button press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38