| Moteur de recherche de fiches techniques de composants électroniques |
|
DF1704E/2K Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DF1704E/2K Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 20 page ![]() DF1704 2 SBAS099A PIN NAME I/O DESCRIPTION 1 DIN IN Serial Audio Data Input(3) 2 BCKIN IN Bit Clock Input for Serial Audio Data(3) 3I2S IN Input Audio Data Format Selection(2, 4) 4 IW0 IN Input Audio Data Word Selection(2, 4) 5 IW1 IN Input Audio Data Word Selection(2, 4) 6 XTI IN Oscillator Input /External Clock Input 7 XTO OUT Oscillator Output 8VSS — Digital Ground 9 CLKO OUT Buffered System Clock Output 10 MODE IN Mode Control Selection (H: Software, L: Hardware)(1) 11 MD/CKO IN Control Data Input/Clock Output Frequency Select(1, 5) 12 MC/LRIP IN Control Data Clock/Polarity of LRCK Select(1, 5) 13 ML/RESV IN Control Data Latch/Reserved (1, 5) 14 RST IN Reset. When this pin is LOW, the digital filter is held in reset.(1) 15 MUTE IN Mute Control(1, 4) 16 DEM IN De-Emphasis Control(2, 4) 17 SF0 IN Sampling Rate Select for De-emphasis(2, 4) 18 SF1 IN Sampling Rate Select for De-emphasis(2, 4) 19 OW0 IN Output Audio Data Word and Format Select(2, 4) 20 OW1 IN Output Audio Data Word and Format Select(2, 4) 21 NC — No Connection 22 VDD — Digital Power, +5V 23 DOR OUT Rch, Serial Audio Data Output 24 DOL OUT Lch, Serial Audio Data Output 25 WCKO OUT Word Clock for Serial Audio Data Output 26 BCKO OUT Bit Clock for Serial Audio Data Output 27 SRO IN Filter Response Select (2, 4) 28 LRCIN IN L/R Clock Input (fS) for Serial Audio Data(3) NOTES: (1) Pins 10-15; Schmitt-Trigger input with pull-up resistor. (2) Pins 3-5, 16-20, 27; Schmitt-Trigger input with pull-down resister. (3) Pins 1, 2, 28; Schmitt-Trigger input. (4) Pins 3-5, 15-20, 27; these pins are invalid when MODE (pin 10) is HIGH. (5) Pins 11-13; these pins have different functions corresponding to MODE (pin 10), (HIGH/LOW). PIN ASSIGNMENTS PIN CONFIGURATION ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. Supply Voltage (VDD , VCC1, VCC2R, VCC2L) .................................... +6.5V Supply Voltage Differences ................................................................. ±0.1 GND Voltage Differences .................................................................. ±0.1V Digital Input Voltage ................................................. –0.3V to (VDD + 0.3V) Input Current (any pins except power supplies) ............................. ±10mA Power Dissipation .......................................................................... 300mW Operating Temperature Range ......................................... –25 °C to +85°C Storage Temperature ...................................................... –55 °C to +125°C Lead Temperature (soldering, 5s) ................................................. +260 °C Package Temperature (reflow, 10s) .............................................. +235 °C ABSOLUTE MAXIMUM RATINGS DIN BCKIN I2S IW0 IW1 XTI XTO V SS CLKO MODE MD/CKO MC/LRIP ML/RESV RST LRCIN SRO BCKO WCKO DOL DOR V DD NC OW1 OW0 SF1 SF0 DEM MUTE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 DF1704E NC: No Connection TOP VIEW SSOP PACKAGE SPECIFIED DRAWING TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE NUMBER RANGE MARKING NUMBER MEDIA DF1704E SSOP-28 324 –25 °C to +85°C DF1704E DF1704E Rails PACKAGE/ORDERING INFORMATION |