Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC72 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce TC72
Description  Analog and Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button TC72 Datasheet HTML 32Page - Microchip Technology TC72 Datasheet HTML 33Page - Microchip Technology TC72 Datasheet HTML 34Page - Microchip Technology TC72 Datasheet HTML 35Page - Microchip Technology TC72 Datasheet HTML 36Page - Microchip Technology TC72 Datasheet HTML 37Page - Microchip Technology TC72 Datasheet HTML 38Page - Microchip Technology TC72 Datasheet HTML 39Page - Microchip Technology TC72 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36 Analog & Interface Product Selector Guide
Tape and Reel:
TR:
Tape and Reel
Blank: No Tape and Reel
Package Type (see table below)
Functional Option (refer to data sheet)
Product Part Number
arbitrary
Product Part Number
3: Designates fan speed controller (except EMC2300)
Product Part Number
2: Designates it is a fan controller
Product Prefix for Fan Controllers
Shared with Temperature Sensors
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “EMC” prefix
Fan Controllers:
EMC 2 a xx - y - pppp - tt
Package
Description
# of Pins
Tube Qty.
Reel Qty.
ACZT
SOIC
8
N/A
4000
ACZL
MSOP
8
N/A
4000
AP
QFN (4 × 4)
16
N/A
4000
BP
QFN (4 × 4)
20
N/A
4000
KP
QFN
12
N/A
4000
AZC
SSOP
16
97
2800
DZK
QFN
28
N/A
4000
CZC
SSOP
24
N/A
2500
Analog Product Part Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44