| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP98244 Fiches technique(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98244 Fiches technique(HTML) 33 Page - Microchip Technology |
|
33 / 44 page ![]() 33 Analog & Interface Product Selector Guide Package Type (see table below) Operating Temperature Range: - blank: Commercial Range (0°C to +70°C) I: Industrial (-40°C to +85°C) E: Extended Industrial Range (-40°C to +125°C Supervisor Bond Options: D: F: H: blank: Not Applicable Reset Voltage Thresholds or Performance Grade Options: (1-3 characters, see specific data sheets) 270: 2 .7V reset threshold 300: 3 .0V reset threshold 315: 3 .15V reset threshold 450: 4 .5V reset threshold 460: 4 .6V reset threshold 475: 4 .7V reset threshold 485: 4 .85V reset threshold or B: Grade (see specific data sheet) C: Grade (see specific data sheet) or blank: not applicable Tape and Reel: T: Tape and Reel blank: No Tape and Reel Product Part Number (3-6 characters, see specific data sheet) Product Prefix Part Number Suffix Designations Ordering Information for all Microchip Analog Products beginning with “MCP” prefix MCP xxxxx T - yyy z h / qq Analog Product Part Numbers Package Description # of Pins Tube/Bag Qty. Reel Qty. TO TO-92 3 1000 N/A TT SOT-23 3 N/A 3000 OT SOT-23 5 N/A 3000 P PDIP 8 60 N/A SN SOIC 8 100 3300 ST TSSOP 8 100 2500 MS MSOP 8 100 2500 MC DFN (2 × 3) 8 N/A 3300 MF DFN (3 × 3) 8 50 3300 MF DFN (3 × 3, 10-Pin) 10 120 3300 ST TSSOP 14 96 2500 P PDIP 14 30 N/A SL SOIC 14 57 2600 P PDIP 18 25 N/A SO SOIC 18 42 1100 ST TSSOP 20 74 2500 SS SSOP 20 67 1600 ML QFN (6 × 6) 28 50 1600 ML QFN (4 × 4) 16 91 3300 |