| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6042T-E/MS Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6042T-E/MS Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 40 page ![]() MCP6041/2/3/4 DS21669D-page 8 2001-2013 Microchip Technology Inc. Note: Unless otherwise indicated, T A =+25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM =VDD/2, VOUT VDD/2, VL =VDD/2, RL =1 M to VL, and CL =60pF. FIGURE 2-19: Channel-to-Channel Separation vs. Frequency (MCP6042 and MCP6044 only). FIGURE 2-20: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature with VDD =1.4V. FIGURE 2-21: Quiescent Current vs. Power Supply Voltage. FIGURE 2-22: Gain Bandwidth Product, Phase Margin vs. Common Mode Input Voltage. FIGURE 2-23: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature with VDD =5.5V. FIGURE 2-24: Output Short Circuit Current vs. Power Supply Voltage. 60 70 80 90 100 110 120 130 1.E+02 1.E+03 1.E+04 Frequency (Hz) 100 1k 10k Input Referred 0 2 4 6 8 10 12 14 16 18 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 0 10 20 30 40 50 60 70 80 90 PM (G = +1) GBWP VDD = 1.4V 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Power Supply Voltage (V) TA = +125°C TA = +85°C TA = +25°C TA = -40°C 0 2 4 6 8 10 12 14 16 18 20 Common Mode Input Voltage 0 10 20 30 40 50 60 70 80 90 100 PM (G = +1) GBWP VDD = 5.0V RL = 100 kΩ 0 2 4 6 8 10 12 14 16 18 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 0 10 20 30 40 50 60 70 80 90 PM (G = +1) GBWP VDD = 5.5V 0 5 10 15 20 25 30 35 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Power Supply Voltage (V) TA = -40°C TA = +25°C TA = +85°C TA = +125°C |