| Moteur de recherche de fiches techniques de composants électroniques |
|
492575-1 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
492575-1 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 100 page ![]() 10 Catalog 1307895 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Fiber Optic Products Catalog 5 Gb/s Part Numbers 5 GB/S 5 GB/S 5 GB/S 10 GB/S Length Cable CX4*** CX4 to QSFP QSFP QSFP+ (meters) Type Part Numbers Part Numbers Part Numbers Part Numbers 2 OFNP** 2064782-1 2064781-1 2064778-1 2064779-1 LSZH* 2064815-1 2064814-1 2064812-1 2064813-1 3 OFNP** 2064782-2 2064781-2 2064778-2 2064779-2 LSZH* 2064815-2 2064814-2 2064812-2 2064813-2 5 OFNP** 2064782-3 2064781-3 2064778-3 2064779-3 LSZH* 2064815-3 2064814-3 2064812-3 2064813-3 10 OFNP** 2064782-4 2064781-4 2064778-4 2064779-4 LSZH* 2064815-4 2064814-4 2064812-4 2064813-4 15 OFNP** 2064782-5 2064781-5 2064778-5 2064779-5 LSZH* 2064815-5 2064814-5 2064812-5 2064813-5 20 OFNP** 2064782-6 2064781-6 2064778-6 2064779-6 LSZH* 2064815-6 2064814-6 2064812-6 2064813-6 25 OFNP** 2064782-7 2064781-7 2064778-7 2064779-7 LSZH* 2064815-7 2064814-7 2064812-7 2064813-7 30 OFNP** 2064782-8 2064781-8 2064778-8 2064779-8 LSZH* 2064815-8 2064814-8 2064812-8 2064813-8 40 OFNP** 2064782-9 2064781-9 2064778-9 2064779-9 LSZH* 2064815-9 2064814-9 2064812-9 2064813-9 50 OFNP** 1-2064782-0 1-2064781-0 1-2064778-0 1-2064779-0 LSZH* 1-2064815-0 1-2064814-0 1-2064812-0 1-2064813-0 100 OFNP** 1-2064782-1 1-2064781-1 1-2064778-1 1-2064779-1 LSZH* 1-2064815-1 1-2064814-1 1-2064812-1 1-2064813-1 *LSZH = Low Smoke Zero Halogen **OFNP = Optical Fiber Nonconductive Plenum ***Also known as CX4 and SFF-8470 Note: Longer lengths available upon request. 5 GB/S General Specifications Symbol Parameter Min. Typical Max. Unit Notes Data Rate/Channel 2.5 —5 Gb/s 1 Tc Operating Case Temperature 0— 70 °C 2 Vcc Supply Voltage 3.13 3.3 3.47 V Total Power Dissipation — 1.3 1.5 W3 Fiber Core Diameter — 50 — µm 1. Test pattern PRBS 2E7-1 2. Per End 3. Central office environment per GR-468-CORE 5 GB/S Transmitter Electrical Specifications Symbol Parameter Min. Typical Max. Unit Notes Input Common Mode 0— Vcc V1 V_diff_IN Differential data swing 650 — 1600 mVpp Rin Differential Input Impedance 80 100 120 Ω 1. Internally AC coupled. 5 GB/S Receiver Electrical Specifications Symbol Parameter Min. Typical Max. Unit Notes Output Common Mode ——— V 1 V_diff_OUT Differential data swing 200 300 1200 mVpp Rout Differential Output Impedance — 100 — Ω TJ Total Jitter (p-p) —— .42 UI 2 ∆T ch-ch Skew —— 200 ps 1. Internally AC Coupled. 2. Total jitter is specified at a BER of 10^-12 using PRBS 2^7-1. Note: All part numbers are RoHS compliant. PARALIGHT Active Optical Cable Assemblies (Continued) |