| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F8722 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F8722 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 446 page ![]() © 2008 Microchip Technology Inc. DS39646C-page 19 PIC18F8722 FAMILY PORTF is a bidirectional I/O port. RF0/AN5 RF0 AN5 18 I/O I ST Analog Digital I/O. Analog input 5. RF1/AN6/C2OUT RF1 AN6 C2OUT 17 I/O I O ST Analog — Digital I/O. Analog input 6. Comparator 2 output. RF2/AN7/C1OUT RF2 AN7 C1OUT 16 I/O I O ST Analog — Digital I/O. Analog input 7. Comparator 1 output. RF3/AN8 RF3 AN8 15 I/O I ST Analog Digital I/O. Analog input 8. RF4/AN9 RF4 AN9 14 I/O I ST Analog Digital I/O. Analog input 9. RF5/AN10/CVREF RF5 AN10 CVREF 13 I/O I O ST Analog Analog Digital I/O. Analog input 10. Comparator reference voltage output. RF6/AN11 RF6 AN11 12 I/O I ST Analog Digital I/O. Analog input 11. RF7/SS1 RF7 SS1 11 I/O I ST TTL Digital I/O. SPI slave select input. TABLE 1-3: PIC18F6527/6622/6627/6722 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog= Analog input I = Input O = Output P= Power I2C™ = I2C/SMBus input buffer Note 1: Default assignment for ECCP2 when Configuration bit, CCP2MX, is set. 2: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared. |