| Moteur de recherche de fiches techniques de composants électroniques |
|
64GA004 Fiches technique(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA004 Fiches technique(HTML) 39 Page - Microchip Technology |
|
39 / 268 page ![]() TABLE 4-10: UART REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets U1MODE 0220 UARTEN — USIDL IREN RTSMD — UEN1 UEN0 WAKE LPBACK ABAUD RXINV BRGH PDSEL1 PDSEL0 STSEL 0000 U1STA 0222 UTXISEL1 UTXINV UTXISEL0 — UTXBRK UTXEN UTXBF TRMT URXISEL1 URXISEL0 ADDEN RIDLE PERR FERR OERR URXDA 0110 U1TXREG 0224 — — — — — — — UTX8 UTX7 UTX6 UTX5 UTX4 UTX3 UTX2 UTX1 UTX0 0000 U1RXREG 0226 — — — — — — — URX8 URX7 URX6 URX5 URX4 URX3 URX2 URX1 URX0 0000 U1BRG 0228 Baud Rate Generator Prescaler Register 0000 U2MODE 0230 UARTEN — USIDL IREN RTSMD — UEN1 UEN0 WAKE LPBACK ABAUD RXINV BRGH PDSEL1 PDSEL0 STSEL 0000 U2STA 0232 UTXISEL1 UTXINV UTXISEL0 — UTXBRK UTXEN UTXBF TRMT URCISEL1 URCISEL0 ADDEN RIDLE PERR FERR OERR URXDA 0110 U2TXREG 0234 — — — — — — — UTX8 UTX7 UTX6 UTX5 UTX4 UTX3 UTX2 UTX1 UTX0 0000 U2RXREG 0236 — — — — — — — URX8 URX7 URX6 URX5 URX4 URX3 URX2 URX1 URX0 0000 U2BRG 0238 Baud Rate Generator Prescaler 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 4-11: SPI REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets SPI1STAT 0240 SPIEN — SPISIDL — — SPIBEC2 SPIBEC1 SPIBEC0 SRMPT SPIROV SRXMPT SISEL2 SISEL1 SISEL0 SPITBF SPIRBF 0000 SPI1CON1 0242 — — — DISSCK DISSDO MODE16 SMP CKE SSEN CKP MSTEN SPRE2 SPRE1 SPRE0 PPRE1 PPRE0 0000 SPI1CON2 0244 FRMEN SPIFSD SPIFPOL — — — — — — — — — — — SPIFE SPIBEN 0000 SPI1BUF 0248 SPI1 Transmit/Receive Buffer 0000 SPI2STAT 0260 SPIEN — SPISIDL — — SPIBEC2 SPIBEC1 SPIBEC0 SRMPT SPIROV SRXMPT SISEL2 SISEL1 SISEL0 SPITBF SPIRBF 0000 SPI2CON1 0262 — — — DISSCK DISSDO MODE16 SMP CKE SSEN CKP MSTEN SPRE2 SPRE1 SPRE0 PPRE1 PPRE0 0000 SPI2CON2 0264 FRMEN SPIFSD SPIFPOL — — — — — — — — — — — SPIFE SPIBEN 0000 SPI2BUF 0268 SPI2 Transmit/Receive Buffer 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |