Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

48GA004 Fiches technique(PDF) 192 Page - Microchip Technology

No de pièce 48GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA004 Fiches technique(HTML) 192 Page - Microchip Technology

Back Button 48GA004 Datasheet HTML 188Page - Microchip Technology 48GA004 Datasheet HTML 189Page - Microchip Technology 48GA004 Datasheet HTML 190Page - Microchip Technology 48GA004 Datasheet HTML 191Page - Microchip Technology 48GA004 Datasheet HTML 192Page - Microchip Technology 48GA004 Datasheet HTML 193Page - Microchip Technology 48GA004 Datasheet HTML 194Page - Microchip Technology 48GA004 Datasheet HTML 195Page - Microchip Technology 48GA004 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 192
 2010 Microchip Technology Inc.
FIGURE 21-1:
10-BIT HIGH-SPEED A/D CONVERTER BLOCK DIAGRAM
Comparator
10-Bit SAR
Conversion Logic
VREF+
DAC
AN12
AN8(1)
AN9
AN10
AN11
AN4
AN5
AN6(1)
AN7(1)
AN0
AN1
AN2
AN3
VREF-
Sample Control
S/H
AVSS
AVDD
ADC1BUF0:
ADC1BUFF
AD1CON1
AD1CON2
AD1CON3
AD1CHS
AD1PCFG
AD1CSSL
Control Logic
Data Formatting
Input MUX Control
Conversion Control
Pin Config. Control
Internal Data Bus
16
VR+
VR-
VINH
VINL
VINH
VINH
VINL
VINL
VR+
VR-
Note 1:
Analog channels AN6 through AN8 are available on 44-pin devices only.
2:
Band gap voltage reference (VBG) is internally connected to analog channel AN15, which does not appear on any pin.
VBG(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More