| Moteur de recherche de fiches techniques de composants électroniques |
|
48GA004 Fiches technique(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
48GA004 Fiches technique(HTML) 77 Page - Microchip Technology |
|
77 / 268 page ![]() 2010 Microchip Technology Inc. DS39881D-page 77 PIC24FJ64GA004 FAMILY REGISTER 7-14: IEC4: INTERRUPT ENABLE CONTROL REGISTER 4 U-0 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 — — — — — — —LVDIE bit 15 bit 8 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 U-0 — — — — CRCIE U2ERIE U1ERIE — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-9 Unimplemented: Read as ‘0’ bit 8 LVDIE: Low-Voltage Detect Interrupt Enable Status bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 7-4 Unimplemented: Read as ‘0’ bit 3 CRCIE: CRC Generator Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 2 U2ERIE: UART2 Error Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 1 U1ERIE: UART1 Error Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 0 Unimplemented: Read as ‘0’ |