| Moteur de recherche de fiches techniques de composants électroniques |
|
64GA002 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA002 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 268 page ![]() 2010 Microchip Technology Inc. DS39881D-page 15 PIC24FJ64GA004 FAMILY OSCI 9 6 30 I ANA Main Oscillator Input Connection. OSCO 10 7 31 O ANA Main Oscillator Output Connection. PGC1 5 2 22 I/O ST In-Circuit Debugger and ICSP™ Programming Clock PGD1 4 1 21 I/O ST In-Circuit Debugger and ICSP Programming Data. PGC2 22 19 9 I/O ST In-Circuit Debugger and ICSP Programming Clock. PGD2 21 18 8 I/O ST In-Circuit Debugger and ICSP Programming Data. PGC3 14 12 42 I/O ST In-Circuit Debugger and ICSP Programming Clock. PGD3 15 11 41 I/O ST In-Circuit Debugger and ICSP Programming Data. PMA0 10 7 3 I/O ST/TTL Parallel Master Port Address Bit 0 Input (Buffered Slave modes) and Output (Master modes). PMA1 12 9 2 I/O ST/TTL Parallel Master Port Address Bit 1 Input (Buffered Slave modes) and Output (Master modes). PMA2 — — 27 O — Parallel Master Port Address (Demultiplexed Master modes). PMA3 — — 38 O — PMA4 — — 37 O — PMA5 — — 4 O — PMA6 — — 5 O — PMA7 — — 13 O — PMA8 — — 32 O — PMA9 — — 35 O — PMA10 — — 12 O — PMA11 — — — O — PMA12 — — — O — PMA13 — — — O — PMBE 11 8 36 O — Parallel Master Port Byte Enable Strobe. PMCS1 26 23 15 O — Parallel Master Port Chip Select 1 Strobe/Address Bit 14. PMD0 23 20 10 I/O ST/TTL Parallel Master Port Data (Demultiplexed Master mode) or Address/Data (Multiplexed Master modes). PMD1 22 19 9 I/O ST/TTL PMD2 21 18 8 I/O ST/TTL PMD3 18 15 1 I/O ST/TTL PMD4 17 14 44 I/O ST/TTL PMD5 16 13 43 I/O ST/TTL PMD6 15 12 42 I/O ST/TTL PMD7 14 11 41 I/O ST/TTL PMRD 24 21 11 O — Parallel Master Port Read Strobe. PMWR 25 22 14 O — Parallel Master Port Write Strobe. TABLE 1-2: PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN 44-Pin QFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |