| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2512AI Fiches technique(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512AI Fiches technique(HTML) 53 Page - Microchip Technology |
|
53 / 63 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251xB/xBi 53 Revision 2.2 (02-17-12) DATASHEET Note 6.3 Capacitance TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V Table 6.6 Supply Current Suspend (ICSBY) PART MIN TYP MAX UNITS COMMENTS USB2512B 475 1000 μA All supplies combined USB2512Bi 475 1200 μA USB2513B 500 1100 μA USB2513Bi 500 1300 μA USB2514B 550 1200 μA USB2514Bi 550 1500 μA Table 6.7 Supply Current Reset (ICRST) PART MIN TYP MAX UNITS COMMENTS USB2512B 550 1100 μA All supplies combined USB2512Bi 550 1250 μA USB2513B 650 1200 μA USB2513Bi 650 1400 μA USB2514B 750 1400 μA USB2514Bi 750 1600 μA Table 6.8 Pin Capacitance LIMITS PARAMETER SYMBOL MIN TYP MAX UNIT TEST CONDITION Clock Input Capacitance CXTAL 6 pF All pins except USB pins and the pins under the test tied to AC ground Input Capacitance CIN 6pF (Note 6.3) Output Capacitance COUT 6pF |