Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMC6042AIJ Fiches technique(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMC6042AIJ
Description  LMC6042 CMOS Dual Micropower Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMC6042AIJ Fiches technique(HTML) 19 Page - Texas Instruments

Back Button LMC6042AIJ Datasheet HTML 15Page - Texas Instruments LMC6042AIJ Datasheet HTML 16Page - Texas Instruments LMC6042AIJ Datasheet HTML 17Page - Texas Instruments LMC6042AIJ Datasheet HTML 18Page - Texas Instruments LMC6042AIJ Datasheet HTML 19Page - Texas Instruments LMC6042AIJ Datasheet HTML 20Page - Texas Instruments LMC6042AIJ Datasheet HTML 21Page - Texas Instruments LMC6042AIJ Datasheet HTML 22Page - Texas Instruments LMC6042AIJ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMC6042AIMX
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMC6042AIMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMC6042IMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24