Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMC6484AIM Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMC6484AIM
Description  LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMC6484AIM Fiches technique(HTML) 13 Page - Texas Instruments

Back Button LMC6484AIM Datasheet HTML 9Page - Texas Instruments LMC6484AIM Datasheet HTML 10Page - Texas Instruments LMC6484AIM Datasheet HTML 11Page - Texas Instruments LMC6484AIM Datasheet HTML 12Page - Texas Instruments LMC6484AIM Datasheet HTML 13Page - Texas Instruments LMC6484AIM Datasheet HTML 14Page - Texas Instruments LMC6484AIM Datasheet HTML 15Page - Texas Instruments LMC6484AIM Datasheet HTML 16Page - Texas Instruments LMC6484AIM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Application Information (Continued)
loading reduces the phase margin of op-amps. The combi-
nation of the op-amp’s output impedance and the capacitive
load induces phase lag. This results in either an under-
damped pulse response or oscillation.
Capacitive load compensation can be accomplished using
resistive isolation as shown in
Figure 4. This simple tech-
nique is useful for isolating the capacitive input of multiplex-
ers and A/D converters.
Improved frequency response is achieved by indirectly driv-
ing capacitive loads as shown in
Figure 6.
R1 and C1 serve to counteract the loss of phase margin by
feeding forward the high frequency component of the output
signal back to the amplifier’s inverting input, thereby preserv-
ing phase margin in the overall feedback loop. The values of
R1 and C1 are experimentally determined for the desired
pulse response. The resulting pulse response can be seen in
Figure 7.
5.0 Compensating for Input Capacitance
It is quite common to use large values of feedback resis-
tance with amplifiers that have ultra-low input current, like
the LMC6484. Large feedback resistors can react with small
values of input capacitance due to transducers, photo-
diodes, and circuit board parasitics to reduce phase
margins.
The effect of input capacitance can be compensated for by
adding a feedback capacitor. The feedback capacitor (as in
Figure 8 ), C
f, is first estimated by:
or
R
1 CIN ≤ R2 Cf
which typically provides significant overcompensation.
Printed circuit board stray capacitance may be larger or
smaller than that of a breadboard, so the actual optimum
value for C
f may be different. The values of Cf should be
checked on the actual circuit. (Refer to the LMC660 quad
CMOS amplifier data sheet for a more detailed discussion.)
6.0 Printed-Circuit-Board Layout for High-Impedance
Work
It is generally recognized that any circuit which must operate
with less than 1000 pA of leakage current requires special
layout of the PC board. when one wishes to take advantage
DS011714-17
FIGURE 4. Resistive Isolation
of a 330 pF Capacitive Load
DS011714-18
FIGURE 5. Pulse Response of
the LMC6484 Circuit in
Figure 4
DS011714-15
FIGURE 6. LMC6484 Non-Inverting Amplifier,
Compensated to Handle a 330 pF Capacitive Load
DS011714-16
FIGURE 7. Pulse Response of
LMC6484 Circuit in
Figure 6
DS011714-19
FIGURE 8. Canceling the Effect of Input Capacitance
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24