Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP38693MP-2.5 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce LP38693MP-2.5
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP38693MP-2.5 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LP38693MP-2.5 Datasheet HTML 17Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 18Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 19Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 20Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 21Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 22Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 23Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 24Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP38691SDX-1.8/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SDX-2.5/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SDX-3.3/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SDX-5.0/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693MP-1.8
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MP-1.8/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MP-2.5/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MP-3.3
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MP-3.3/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MP-5.0/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MPX-1.8/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MPX-2.5/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MPX-3.3
SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MPX-3.3/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693MPX-5.0/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP38693QSD-1.8/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSD-2.5/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSD-3.3/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSD-5.0/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSDX-1.8/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSDX-2.5/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSDX-3.3/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693QSDX-5.0/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-1.8
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-1.8/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-2.5/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-3.3
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-3.3/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-5.0
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SD-5.0/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SDX-1.8/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SDX-2.5/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SDX-3.3/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38693SDX-5.0/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27